Part Number Hot Search : 
ZMM56 HAT2068R GS1002FL USBB1 00152 PG5402 60438D TA7282AP
Product Description
Full Text Search
 

To Download GZ11B1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GZ Series
Zener Diodes
uct rod P ew N
DO-204AH (DO-35 Glass)
Features
* Silicon Planar Power Zener Diodes. * Voltage spectrum from 2.2V to 38V * The Zener voltages are graded according to voltage bands instead of by tolerance. * Low Zener impedence and low leakage current * Popular in Asian designs
Mechanical Data
Case: DO-35 Glass Case Weight: approx. 0.13g Marking: GS Type Grade Packaging Codes/Options: D7/10K per 13" reel (52mm tape), 20K/box D8/10K per Ammo tape (52mm tape), 20K/box
Dimensions in inches and (millimeters)
Maximum Ratings and Thermal Characteristics
Parameter Power Dissipation Junction Temperature Storage Temperature Range Symbol Pd Tj Tstg
(TA = 25C unless otherwise noted)
Value 500 175 -55 to +175
Unit mW C C
7/7/00
GZ Series
Zener Diodes
Electrical Characteristics
(TJ = 25C unless otherwise noted)
Maximum VF=1.2V at IF=200mA
Reverse Current Dynamic Resistance rd () Max Test Condition IZ (mA)
Zener Voltage VZ (V)(1) Type Grade Min Max Test Condition IZ (mA) IR (A) Max Test Condition VR (V)
GZ2 GZ2 GZ2 GZ3 GZ3 GZ3 GZ3 GZ3 GZ3 GZ3 GZ3 GZ3 GZ4 GZ4 GZ4 GZ4 GZ4 GZ4 GZ4 GZ4 GZ4 GZ5 GZ5 GZ5 GZ5 GZ5 GZ5 GZ5 GZ5 GZ5 GZ6 GZ6 GZ6 GZ6 GZ6 GZ6 GZ6 GZ6 GZ6 GZ7 GZ7 GZ7 GZ7 GZ7 GZ7 GZ7 GZ7 GZ7 GZ9 GZ9 GZ9 GZ9 GZ9 GZ9
C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3
2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 6.0 6.1 6.3 6.4 6.6 6.7 6.9 7.0 7.2 7.3 7.5 7.7 7.9 8.1 8.3 8.5 8.7
2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.5 5.6 5.7 5.8 5.9 6.0 6.1 6.3 6.4 6.6 6.7 6.9 7.0 7.2 7.3 7.6 7.7 7.9 8.1 8.3 8.5 8.7 8.9 9.1
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 5.0 5.0 5.0 5.0 5.0 5.0
100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 40 40 40 40 40 40 40 40 40 15 15 15 15 15 15 15 15 15 20 20 20 20 20 20
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Note: (1) Tested with 40ms pulse
GZ Series
Zener Diodes
Electrical Characteristics
(TJ = 25C unless otherwise noted)
Maximum VF=1.2V at IF=200mA
Reverse Current Dynamic Resistance rd () Max Test Condition IZ (mA)
Zener Voltage VZ (V)(1) Type Grade Min Max Test Condition IZ (mA) IR (A) Max Test Condition VR (V)
GZ9 GZ9 GZ9 GZ11 GZ11 GZ11 GZ11 GZ11 GZ11 GZ11 GZ11 GZ11 GZ12 GZ12 GZ12 GZ12 GZ12 GZ12 GZ12 GZ12 GZ12 GZ15 GZ15 GZ15 GZ16 GZ16 GZ16 GZ18 GZ18 GZ18 GZ20 GZ20 GZ20 GZ22 GZ22 GZ22 GZ24 GZ24 GZ24 GZ27 GZ27 GZ27 GZ30 GZ30 GZ30 GZ33 GZ33 GZ33 GZ36 GZ36 GZ36
C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 A1 A2 A3 B1 B2 B3 C1 C2 C3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3
8.9 9.1 9.3 9.5 9.7 9.9 10.2 10.4 10.7 10.9 11.1 11.4 11.6 11.9 12.2 12.4 12.6 12.9 13.2 13.5 13.8 14.1 14.5 14.9 15.3 15.7 16.3 16.9 17.5 18.1 18.8 19.5 20.2 20.9 21.6 22.3 22.9 23.6 24.3 25.2 26.2 27.2 28.2 29.2 30.2 31.2 32.2 33.2 34.2 35.3 36.4
9.3 9.5 9.7 9.9 10.1 10.3 10.6 10.8 11.1 11.3 11.6 11.9 12.1 12.4 12.7 12.9 13.1 13.4 13.7 14.0 14.3 14.7 15.1 15.5 15.9 16.5 17.1 17.7 18.3 19.0 19.7 20.4 21.1 21.9 22.6 23.3 24.0 24.7 25.5 26.6 27.6 28.6 29.6 30.6 31.6 32.6 33.6 34.6 35.7 36.8 38.0
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 11 11 11 12 12 12 13 13 13 15 15 15 17 17 17 19 19 19 21 21 21 23 23 23 25 25 25 27 27 27
20 20 20 25 25 25 25 25 25 25 25 25 35 35 35 35 35 35 35 35 35 40 40 40 45 45 45 55 55 55 60 60 60 65 65 65 70 70 70 80 80 80 100 100 100 120 120 120 140 140 140
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
Note:(1) Tested with 40ms pulse


▲Up To Search▲   

 
Price & Availability of GZ11B1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X